PART |
Description |
Maker |
M30-1100900 |
1.25mm Pitch SIL Female Crimp Housing, 9-way 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
0501338100 50133-8100 |
1.25mm (.049) Pitch PicoBlade?/a> Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag 1.25mm (.049) Pitch PicoBlade Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag 1.25mm (.049") Pitch PicoBlade垄芒 Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag MOLEX Connector
|
Molex Electronics Ltd.
|
50516-8041 0505168041 |
1.25mm (.049) Pitch Pico-Gold Crimp Terminal, Reel 1.25mm (.049") Pitch Pico-Gold垄芒 Crimp Terminal, Reel
|
Molex Electronics Ltd.
|
22-56-6387 22-56-6207 22-56-6407 22-56-6187 |
CGrid SL Hsg Opt F DR 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp Housing; Number of Contacts:20; Pitch Spacing:2.54mm; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female; Series:70450 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt F DR 40Ckt 22566187
|
Molex, Inc. MOLEX INC
|
M80-8980201 M80-8980205 M80-89802T6 M80-8980701 M8 |
DATAMATE 2mm PITCH CRIMP SIL SOCKET ASSEMBLY SMALL BORE (24-28 AWG) DATAMATE 2mm PITCH CRIMP SIL SOCKET ASSEMBLY SMALL BORE (24-28 AWG)
|
Harwin Plc
|
50133-8000 |
1.25mm (.049) Pitch PicoBlade?/a> Crimp Terminal, Male, 28-32 AWG, Reel
|
Molex Electronics Ltd.
|
0500618100 50061-8100 |
1.25mm (.049) Pitch Board-In Crimp Terminal, 28-32 AWG, Bag MOLEX Connector
|
Molex Electronics Ltd.
|
104131-0500 |
IllumiMate?1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 5 Circuits
|
Molex Electronics Ltd.
|
M20-7842042 M20-7842046 M20-7843446 M20-7843846 M2 |
2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, selective gold tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 34-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 38-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 14-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch DIL PC Tail Bottom Entry Socket Assembly, 7.62mm tail spacing, selective gold tin, 4 4-way 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 5-way 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, selective gold tin, 27-way 27 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, selective gold tin, 18-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 40-way
|
Harwin PLC HARWIN INC
|
M20-7862842 M20-7863842 M20-7863846 M20-7863642 M2 |
2.54mm Pitch SIL SMT Socket Assembly, selective gold tin, 28-way 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, selective gold tin, 38-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, tin, 38-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, selective gold tin, 36-way 36 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, selective gold tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, selective gold tin, 23-way 23 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, tin, 2-way 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, tin, 21-way 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
|